| Zakładka z wyszukiwarką danych komponentów |
|
TSM1012 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM1012 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() TSM1012 2/8 PIN DESCRIPTION SO8 & MiniSO8 Pin out ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS Name Pin # Type Function Vref 1 Analog Output Voltage Reference CC- 2 Analog Input Input pin of the operational amplifier CC+ 3 Analog Input Input pin of the operational amplifier CV- 4 Analog Input Input pin of the operational amplifier CV+ 5 Analog Input Input pin of the operational amplifier Gnd 6 Power Supply Ground Line. 0V Reference For All Voltages Out 7 Analog Output Output of the two operational amplifier Vcc 8 Power Supply Power supply line. Symbol DC Supply Voltage Value Unit Vcc DC Supply Voltage (50mA =< Icc) -0.3V to Vz V Vi Input Voltage -0.3 to Vcc V Tstg Storage temperature -55 to 150 °C Tj Junction temperature 150 °C Iref Voltage reference output current 2.5 mA ESD Electrostatic Discharge 2 kV Rthja Thermal Resistance Junction to Ambient Mini SO8 package 180 °C/W Rthja Thermal Resistance Junction to Ambient SO8 package 175 °C/W Symbol Parameter Value Unit Vcc DC Supply Conditions 4.5 to Vz V Toper Operational temperature -40 to 105 °C |