| Zakładka z wyszukiwarką danych komponentów |
|
74LS68 Arkusz danych(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
74LS68 Arkusz danych(HTML) 1 Page - Motorola, Inc |
|
1 / 6 page ![]() 5-603 FAST AND LS TTL DATA 8-BIT MAGNITUDE COMPARATORS The SN54 / 74LS682, 684, 688 are 8-bit magnitude comparators. These device types are designed to perform comparisons between two eight-bit binary or BCD words. All device types provide P = Q outputs and the LS682 and LS684 have P>Q outputs also. The LS682, LS684 and LS688 are totem pole devices. The LS682 has a 20 k Ω pullup resistor on the Q inputs for analog or switch data. CONNECTION DIAGRAMS (TOP VIEW) SN54/74LS682/684 18 17 16 15 14 13 1 2 3 4 5 6 7 20 19 8 VCC P>Q P=Q Q7 P7 Q6 Q5 P6 P5 P0 Q0 P1 Q1 P2 Q2 P3 9 10 Q3 GND 12 11 Q4 P4 SN54/74LS688 18 17 16 15 14 13 1 2 3 4 5 6 7 20 19 8 VCC G P=Q Q7 P7 Q6 Q5 P6 P5 P0 Q0 P1 Q1 P2 Q2 P3 9 10 Q3 GND 12 11 Q4 P4 TYPE P = Q P > Q OUTPUT ENABLE OUTPUT CONFIGURATION PULLUP TYPE P = Q P > Q OUTPUT ENABLE OUTPUT CONFIGURATION PULLUP LS682 yes yes no totem-pole yes LS684 yes yes no totem-pole no LS688 yes no yes totem-pole no SN54/74LS682 SN54/74LS684 SN54/74LS688 8-BIT MAGNITUDE COMPARATORS LOW POWER SCHOTTKY ORDERING INFORMATION SN54LSXXXJ Ceramic SN74LSXXXN Plastic SN74LSXXXDW SOIC 20 1 J SUFFIX CERAMIC CASE 732-03 20 1 N SUFFIX PLASTIC CASE 738-03 20 1 DW SUFFIX SOIC CASE 751D-03 FUNCTION TABLE INPUTS OUTPUTS DATA ENABLES P, Q G, GT G2 P = Q P > Q P = Q P > Q P < Q X L L L H L L L H L H H H H L H H H = HIGH Level, L = LOW Level, X = Irrelevant |
Podobny numer części - 74LS68 |
|
Podobny opis - 74LS68 |