Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT511PITE13 Arkusz danych(PDF) 3 Page - Catalyst Semiconductor

Numer części CAT511PITE13
Szczegółowy opis  8-Bit Digital POT with Independent Reference Inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT511PITE13 Arkusz danych(HTML) 3 Page - Catalyst Semiconductor

  CAT511PITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT511PITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT511
3
Advanced Information
DC ELECTRICAL CHARACTERISTICS (Cont.):
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Digital
tCSMIN
Minimum CS Low Time
150
—
—
ns
tCSS
CS Setup Time
100
—
—
ns
tCSH
CS Hold Time
0
—
—
ns
tDIS
DI Setup Time
50
—
—
ns
tDIH
DI Hold Time
50
—
—
ns
tDO1
Output Delay to 1
—
—
150
ns
tDO0
Output Delay to 0
—
—
150
ns
tHZ
Output Delay to High-Z
—
400
—
ns
tLZ
Output Delay to Low-Z
—
400
—
ns
tBUSY
Erase/Write Cycle Time
—
4
5
ms
tPS
PROG Setup Time
150
—
—
ns
tPROG
Minimum Pulse Width
700
—
—
ns
tCLKH
Minimum CLK High Time
500
—
—
ns
tCLKL
Minimum CLK Low Time
300
—
—
ns
fC
Clock Frequency
DC
—
1
MHz
Analog
tDS
DAC Settling Time to 1 LSB
CLOAD = 10 pF, VDD = +5V
—
3
10
µs
CLOAD = 10 pF, VDD = +3V
—
6
10
µs
Pin Capacitance
CIN
Input Capacitance
VIN = 0V, f = 1 MHz(2)
—8
—
pF
COUT
Output Capacitance
VOUT = 0V, f = 1 MHz2)
—6
—
pF
CL = 100 pF,
see note 1
AC ELECTRICAL CHARACTERISTICS:
VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified
Analog Output
FSO
Full-Scale Output Voltage
VR = VREFH – VREFL
0.99 VR
0.995 VR
—V
ZSO
Zero-Scale Output Voltage
VR = VREFH – VREFL
—
0.005 VR
0.01 VR
V
IL
DAC Output Load Current
—
—
1
µA
ROUT
DAC Output Impedance
VDD = VREFH = +5V
—
—
100K
Ω
VDD = VREFH = +3V
—
—
150K
Ω
PSSR
Power Supply Rejection
ILOAD = 1 µA
—
—
1
LSB / V
Temperature
TCO
VOUT Temperature Coefficient
VDD = +5V, ILOAD = 250nA
—
—
200
µV/ °C
VREFH= +5V, VREFL = 0V
TCREF
Temperature Coefficient of
VREFH to VREFL
—
700
—
ppm /
°C
VREF Resistance
Power Supply
IDD1
Supply Current (Read)
Normal Operating
—
40
50
µA
IDD2
Supply Current (Write)
VDD = 5V
—
1.2
2.0
mA
VDD = 3V
—
.6
1.2
mA
VDD
Operating Voltage Range
2.7
—
5.5
V
Notes: 1. All timing measurements are defined at the point of signal crossing VDD / 2.
2. These parameters are periodically sampled and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com