| Zakładka z wyszukiwarką danych komponentów |
|
AD2S80ASD883B Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD2S80ASD883B Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 16 page ![]() AD2S80A–SPECIFICATIONS Parameter Conditions Min Typ Max Unit SIGNAL INPUTS Frequency 50 20,000 Hz Voltage Level 1.8 2.0 2.2 V rms Input Bias Current 60 150 nA Input Impedance 1.0 M Ω Maximum Voltage 8V pk REFERENCE INPUT Frequency 50 20,000 Hz Voltage Level 1.0 8.0 V pk Input Bias Current 60 150 nA Input Impedance 1.0 M Ω CONTROL DYNAMICS Repeatability 1 LSB Allowable Phase Shift (Signals to Reference) –10 +10 Degrees Tracking Rate 10 Bits 1040 rps 12 Bits 260 rps 14 Bits 65 rps 16 Bits 16.25 rps Bandwidth 1 User Selectable ACCURACY Angular Accuracy A, J, S 8 +1 LSB arc min B, K, T 4 +1 LSB arc min L, U 2 +1 LSB arc min Monotonicity Guaranteed Monotonic Missing Codes (16-Bit Resolution) A, B, J, K, S, T 4 Codes L, U 1 Code VELOCITY SIGNAL Linearity Over Full Range ±1 3 % FSD Reversion Error ±1 ±2 % FSD DC Zero Offset 2 6 mV DC Zero Offset Tempco –22 µV/°C Gain Scaling Accuracy ±10 % FSD Output Voltage 1 mA Load ±8 ±9 ±10.5 V Dynamic Ripple Mean Value 1.5 % rms O/P Output Load 1.0 k Ω INPUT/OUTPUT PROTECTION Analog Inputs Overvoltage Protection ±8V Analog Outputs Short Circuit O/P Protection ±5.6 ±8 ±10.4 mA DIGITAL POSITION Resolution 10, 12, 14, and 16 Output Format Bidirectional Natural Binary Load 3 LSTTL INHIBIT3 Sense Logic LO to Inhibit Time to Stable Data 600 ns ENABLE3 Logic LO Enables Position Output. Logic HI Outputs in ENABLE Time High Impedance State 35 110 ns BYTE SELECT 3 Sense MS Byte DB1–DB8, LS Byte DB9–DB16 LOGIC LO LS Byte DB1–DB8, LS Byte DB9–DB16 Time to Data Available 60 140 ns SHORT CYCLE INPUTS Internally Pulled High (100 k Ω) to +V S SC1 SC2 0 0 10 Bit 0 1 12 Bit 1 0 14 Bit 1 1 16 Bit (typical at 25 C unless otherwise noted) –2– REV. B |