Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLL5262B Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CLL5262B
Szczegółowy opis  SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL5262B Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CLL5262B Datasheet HTML 1Page - Central Semiconductor Corp CLL5262B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL5221B
Series Silicon Zener Diode is a high quality
voltage regulator designed for use in industrial,
commercial,
entertainment,
and
computer
applications.
MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=50°C)
PD
500
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +200
°C
Tolerance "B"
±5
%
Tolerance "C"
±2
%
Tolerance "D"
±1
%
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.25V MAX @ IF=200mA FOR ALL TYPES.
CLL5221B THRU CLL5267B
SURFACE MOUNT ZENER DIODE
2.4 VOLTS THRU 75 VOLTS
500mW, 5% TOLERANCE
SOD-80 CASE
Central
Semiconductor Corp.
TM
R2 ( 9-October 2001)
Continued...


Podobny numer części - CLL5262B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CLL5262B CENTRAL-CLL5262B Datasheet
311Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
More results

Podobny opis - CLL5262B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BZV55C2V4 CENTRAL-BZV55C2V4 Datasheet
81Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMSZDA2V4 CENTRAL-CMSZDA2V4 Datasheet
124Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
CMPZDA2V4 CENTRAL-CMPZDA2V4 Datasheet
121Kb / 2P
SURFACE MOUNT DUAL, SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW
CLL5221B CENTRAL-CLL5221B_10 Datasheet
311Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 500mW, 2.4 THRU 75 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
349Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com