| Zakładka z wyszukiwarką danych komponentów |
|
AD8229HRZ-R7 Arkusz danych(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8229HRZ-R7 Arkusz danych(HTML) 20 Page - Analog Devices |
|
20 / 24 page ![]() AD8229 Data Sheet Rev. B | Page 20 of 24 R R AD8229 +VS +IN –IN 0.1µF 10µF 10µF 0.1µF REF VOUT –VS RG CD 10nF CC 1nF CC 1nF 4.02kΩ 4.02kΩ Figure 63. RFI Suppression CD affects the difference signal, and CC affects the common-mode signal. Values of R and CC should be chosen to minimize RFI. A mismatch between R × CC at the positive input and R × CC at the negative input degrades the CMRR of the AD8229. By using a value of CD one magnitude larger than CC, the effect of the mismatch is reduced, and performance is improved. Resistors add noise; therefore, the resistor and capacitor values chosen depend on the desired tradeoff between noise, input impedance at high frequencies, and RFI immunity. The resistors used for the RFI filter can be the same as those used for input protection. CALCULATING THE NOISE OF THE INPUT STAGE The total noise of the amplifier front end depends on much more than the 1 nV/√Hz headline specification of this data sheet. There are three main contributors: the source resistance, the voltage noise of the instrumentation amplifier, and the current noise of the instrumentation amplifier. In the following calculations, noise is referred to the input (RTI). In other words, everything is calculated as if it appeared at the amplifier input. To calculate the noise referred to the amplifier output (RTO), simply multiple the RTI noise by the gain of the instrumentation amplifier. R2 RG R1 SENSOR AD8229 Figure 64. AD8229 with Source Resistance from Sensor and Protection Resistors Source Resistance Noise Any sensor connected to the AD8229 has some output resistance. There may also be resistance placed in series with inputs for protection from either overvoltage or radio frequency interference. This combined resistance is labeled R1 and R2 in Figure 64. Any resistor, no matter how well made, has a minimum level of noise. This noise is proportional to the square root of the resistor value. At room temperature, the value is approximately equal to 4 nV/√Hz × √(resistor value in kΩ). For example, assuming that the combined sensor and protection resistance on the positive input is 4 kΩ, and on the negative input is 1 kΩ, the total noise from the input resistance is 2 2 ) 1 4 ( ) 4 4 ( = 16 64 = 8.9 nV/ Hz Voltage Noise of the Instrumentation Amplifier The voltage noise of the instrumentation amplifier is calculated using three parameters: the part input noise, output noise, and the RG resistor noise. It is calculated as follows: Total Voltage Noise = 2 2 2 ) ( ) ( ) / ( Resistor R of Noise Noise Input G Noise Output G For example, for a gain of 100, the gain resistor is 60.4 Ω. Therefore, the voltage noise of the in-amp is 2 2 2 ) 0604 . 0 4 ( 1 ) 100 / 45 ( = 1.5 nV/√Hz Current Noise of the Instrumentation Amplifier Current noise is calculated by multiplying the source resistance by the current noise. For example, if the R1 source resistance in Figure 64 is 4 kΩ, and the R2 source resistance is 1 k Ω, the total effect from the current noise is calculated as follows: ) ) 5 . 1 1 ( ) 5 . 1 4 (( 2 2 = 6.2 nV/√Hz Total Noise Density Calculation To determine the total noise of the in-amp, referred to input, combine the source resistance noise, voltage noise, and current noise contribution by the sum of squares method. For example, if the R1 source resistance in Figure 64 is 4 kΩ, the R2 source resistance is 1 k Ω, and the gain of the in-amps is 100, the total noise, referred to input, is ) 2 . 6 5 . 1 9 . 8 2 2 2 = 11.0 nV/√Hz |