| Zakładka z wyszukiwarką danych komponentów |
|
AS22AB Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS22AB Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 5 page ![]() H Series AS Subminiature Slides www.nkk.com H5 Subminiature size (1/3 size of Series M switches) saves space on PC boards. Specifically developed for logic-level applications. Award-winning STC contact mechanism with benefits unavailable in conventional mechanisms: smoother, positive detent actuation, increased contact stability and unparalleled logic-level reliability. (Additional STC details in Terms & Acronyms; see Supplement section.) Available in various actuator lengths. Antistatic superstructure of carbon blended polyacetal prevents static discharge to the contacts. Molded-in, epoxy sealed or ultrasonically welded terminals lock out flux, solvents, and other contaminants. .100” x .100” (2.54mm x 2.54mm) terminal spacing conforms to standard PC board grid spacing. Matching indicators available. Actual Size Distinctive Characteristics |