| Zakładka z wyszukiwarką danych komponentów |
|
5CSXFC6D Arkusz danych(PDF) 27 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
5CSXFC6D Arkusz danych(HTML) 27 Page - Altera Corporation |
|
27 / 35 page ![]() Receiver Data Path Feature Transmitter Data Path Feature Data Rates(Gbps) PCS Support • Custom PHY IP core with preset feature • SRIO version 2.1-compliant x2 and x4 deskew state machine • Custom PHY IP core with preset feature • SRIO version 2.1-compliant x2 and x4 channel bonding 1.25 to 3.125 SRIO 1.3 and 2.1 Custom PHY IP core with preset feature Custom PHY IP core with preset feature 0.27 (12), 1.485, and 2.97 SDI, SD/HD, and 3G- SDI 0.3125 (13) to 3.125 JESD204A • Custom PHY IP core with preset feature • Signal detect • Wider spread of asynchronous SSC • Custom PHY IP core with preset feature • Electrical idle 1.5 and 3.0 Serial ATA Gen1 and Gen2 • Dedicated deterministic latency PHY IP core • Receiver (RX) deterministic latency state machine • Dedicated deterministic latency PHY IP core • Transmitter (TX) manual bit-slip mode 0.6144 to 6.144 CPRI 4.1 (14) 0.768 to 3.072 OBSAI RP3 • Custom PHY IP core • Wider spread of asynchronous SSC Custom PHY IP core Up to 3.75 V-by-One HS 1.62 and 2.7 DisplayPort 1.2 (15) SoC with HPS Each SoC combines an FPGA fabric and an HPS in a single device. This combination delivers the flexibility of programmable logic with the power and cost savings of hard IP in these ways: • Reduces board space, system power, and bill of materials cost by eliminating a discrete embedded processor • Allows you to differentiate the end product in both hardware and software, and to support virtually any interface standard • Extends the product life and revenue through in-field hardware and software updates (12) The 0.27-Gbps data rate is supported using oversampling user logic that you must implement in the FPGA fabric. (13) The 0.3125-Gbps data rate is supported using oversampling user logic that you must implement in the FPGA fabric. (14) High-voltage output mode (1000-BASE-CX) is not supported. (15) Pending characterization. Altera Corporation Cyclone V Device Overview Send Feedback 27 SoC with HPS CV-51001 2013.12.26 |