| Zakładka z wyszukiwarką danych komponentów |
|
TL062CD Arkusz danych(PDF) 8 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
TL062CD Arkusz danych(HTML) 8 Page - Motorola, Inc |
|
8 / 12 page ![]() TL062 TL064 8 MOTOROLA ANALOG IC DEVICE DATA P SUFFIX PLASTIC PACKAGE CASE 626–05 ISSUE K D SUFFIX PLASTIC PACKAGE CASE 751–05 (SO–8) ISSUE R OUTLINE DIMENSIONS 14 5 8 F NOTE 2 –A– –B– –T– SEATING PLANE H J G D K N C L M M A M 0.13 (0.005) B M T NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.40 10.16 0.370 0.400 B 6.10 6.60 0.240 0.260 C 3.94 4.45 0.155 0.175 D 0.38 0.51 0.015 0.020 F 1.02 1.78 0.040 0.070 G 2.54 BSC 0.100 BSC H 0.76 1.27 0.030 0.050 J 0.20 0.30 0.008 0.012 K 2.92 3.43 0.115 0.135 L 7.62 BSC 0.300 BSC M ––– 10 ––– 10 N 0.76 1.01 0.030 0.040 __ SEATING PLANE 1 4 5 8 A 0.25 M CB SS 0.25 M B M h q C X 45 _ L DIM MIN MAX MILLIMETERS A 1.35 1.75 A1 0.10 0.25 B 0.35 0.49 C 0.18 0.25 D 4.80 5.00 E 1.27 BSC e 3.80 4.00 H 5.80 6.20 h 0 7 L 0.40 1.25 q 0.25 0.50 _ _ NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. D E H A B e B A1 C A 0.10 |