| Zakładka z wyszukiwarką danych komponentów |
|
RL78 Arkusz danych(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Arkusz danych(HTML) 16 Page - Renesas Technology Corp |
|
16 / 61 page ![]() RL78/G14 1. OUTLINE R01DS0053EJ0100 Rev. 1.00 Page 16 of 97 Feb 21, 2012 Remark 1. For pin identification, see 1.4 Pin Identification. Remark 2. When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced, it is recommended to supply separate powers to the VDD and EVDD0 pins and connect the VSS and EVSS0 pins to separate ground lines. Remark 3. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1 (PIOR0, 1). |