| Zakładka z wyszukiwarką danych komponentów |
|
RG13 Arkusz danych(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 Arkusz danych(HTML) 32 Page - Renesas Technology Corp |
|
32 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 32 of 53 Mar. 28, 2014 Figure 5-2 Alignment of Variables of the Request Structure (eel_request_t) 5.1.1 User Write Access (1) address_pu08 Specify the start address of the data buffer used for EEL_CMD_WRITE command and EEL_CMD_READ command execution. Associated command (macro name) Setting EEL_CMD_WRITE Start address of the data buffer Note 1 EEL_CMD_READ Start address of the data buffer Note 2 Note 1: Buffer which contains data written by the user Note 2: Buffer which contains data read from the data flash (2) identifier_u08 Specify the data ID used for each command. For more information about how to do this, see the description of the EEL_Execute function in section 5.4, EEL Functions. Associated command (macro name) Setting EEL_CMD_WRITE ID of write data EEL_CMD_READ ID of read data (3) command_enu Commands to be set in the common executable function. Associated command (macro name) Description EEL_CMD_STARTUP Startup processing EEL_CMD_WRITE Write processing EEL_CMD_READ Read processing EEL_CMD_REFRESH Refresh processing EEL_CMD_VERIFY Verify processing EEL_CMD_FORMAT Format processing EEL_CMD_SHUTDOWN Shutdown processing 5.1.2 User Read Access - status_enu EEL status and error information. For information about the status and errors which might occur during the execution of the functions, see the description of the EEL_Execute function in section 5.4, EEL Functions. __near eel_u08* address_pu08 eel_u08 identifier_u08 eel_command_t command_enu; eel_status_t status_enu; bit0 Bit15 |