| Zakładka z wyszukiwarką danych komponentów |
|
LM7171AIMNOPB Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM7171AIMNOPB Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 30 page ![]() LM7171 www.ti.com SNOS760B – MAY 1999 – REVISED MARCH 2013 ±5V DC Electrical Characteristics Unless otherwise noted, all limits are specified for TJ = 25°C, V + = +5V, V− = −5V, V CM = 0V, and RL = 1 kΩ. Boldface limits apply at the temperature extremes Symbol Parameter Conditions LM7171AI LM7171BI Units Typ(1) Limit(2) Limit(2) VOS Input Offset Voltage 0.3 1.5 3.5 mV 4 7 max TC VOS Input Offset Voltage Average 35 μV/°C Drift IB Input Bias Current 3.3 10 10 μA 12 12 max IOS Input Offset Current 0.1 4 4 μA 6 6 max RIN Input Resistance Common Mode 40 M Ω Differential Mode 3.3 RO Output Resistance 15 Ω CMRR Common Mode Rejection VCM = ±2.5V 104 80 70 dB Ratio 75 65 min PSRR Power Supply Rejection Ratio VS = ±15V to ±5V 90 85 75 dB 80 70 min VCM Input Common-Mode Voltage CMRR > 60 dB ±3.2 V Range AV Large Signal Voltage Gain (3) RL = 1 kΩ 78 75 70 dB 70 65 min RL = 100Ω 76 72 68 dB 67 63 min VO Output Swing RL = 1 kΩ 3.4 3.2 3.2 V 3 3 min −3.4 −3.2 −3.2 V −3 −3 max RL = 100Ω 3.1 2.9 2.9 V 2.8 2.8 min −3.0 −2.9 −2.9 V −2.8 −2.8 max Output Current (Open Loop) Sourcing, RL = 100Ω 31 29 29 mA (4) 28 28 min Sinking, RL = 100Ω 30 29 29 mA 28 28 max ISC Output Short Circuit Current Sourcing 135 mA Sinking 100 IS Supply Current 6.2 8 8 mA 9 9 max (1) Typical values represent the most likely parametric norm. (2) All limits are specified by testing or statistical analysis. (3) Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±5V. For VS = ±5V, VOUT = ±1V. (4) The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100 Ω output load. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM7171 |