Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LGCABLE24 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części LGCABLE24
Szczegółowy opis  PANELITE Enclosure Lights Overview
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LGCABLE24 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  LGCABLE24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LGCABLE24 Datasheet HTML 2Page - List of Unclassifed Manufacturers LGCABLE24 Datasheet HTML 3Page - List of Unclassifed Manufacturers LGCABLE24 Datasheet HTML 4Page - List of Unclassifed Manufacturers LGCABLE24 Datasheet HTML 5Page - List of Unclassifed Manufacturers LGCABLE24 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Spec-00581 H
ElEctrical accEssoriEs Lighting Packages
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
accEssoriEs
6
rEmotE Door switchEs
•
Remote door switch activates the
light when the enclosure door is
opened
•
Mounts on enclosure frame and
includes mounting hardware
•
Mounting plate is 14 gauge steel
with a plated finish
•
Can be hard-wired to the
PANELITE LED or Fluorescent
light or connected via the
PANELITE Door Switch Cable
Bulletin: A80lt, p20
Catalog Number
Description
ALFSWD
Door switch assembly (order connection cable separately)
PLFSWD
Door switch assembly for PROLINE™ (order connection cable separately)
touch-saFE ul light switch
aPPlicatioN
The Touch-Safe light switch is designed to be used with Hoffman™
light kits (AC and DC). It provides a UL listed touch-safe switch that
can be used on many enclosure types and includes hardware for
most applications. The light switch maintains enclosure overall
rating up to UL 508A Type 4X or 12.
FEaturEs
•
UL listed for a touch-safe wire connection
•
Easily mounted to various enclosure types; common bracket
and hardware included for many enclosure types (NEMA,
CONCEPT™ /FUSION™ G7, PROLINE™ , Freestanding Type 12)
•
Cable PG compression hub
•
Wide operating temperature range: -49°F to +158°F (-45°C to
70°C)
•
Rugged die-cast anodized zinc construction
•
Connection 3 cage clamps for solid and stranded wire AWG 20-14
(0.5-2.5mm²)
•
Protection class I (grounded)
Bulletin: A80lt
Catalog Number
Max. Cable Dia.
Max. Voltage
LDSWITCH
.375 in.
250 AC / 48 DC
mouNtiNg bracKEt Kit For light PacKagE
Kit simplifies mounting light package in Hoffman PROLINE™
disconnect enclosures. Includes brackets, all mounting hardware
and complete instructions.
Bulletin: A80lt
Catalog Number
Description
PDLFBRKT
Mounting Bracket Kit
Ø.25
[6]
Ø.25
[6]
.88
[22]
1.08
[27]
5.70
[145]
7.25
[184]
87574479
lED PucK light
The LED Puck Light is ideal for
remote and darkened applications.
This versatile light provides
mounting flexibility; it can be
magnetically attached to flat steel
surfaces or can be hung with a
swivel hook. This small form factor,
light-weight LED light provides
superior lighting performance with
minimal power consumption. It can
be used as a three-LED flashlight
or as a 24-LED work light with
operating temperature of 40 F to 120
F (4 C to 48 C). An on/off switch is
incorporated in the light and three
AAA batteries are included.
Bulletin: A80lt
Catalog Number
AxBxC in./mm
Product Weight
LEDPUCK
2.25 x 3.75 x 1.38
57 x 95 x 35
0.22 lbs.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com