| Zakładka z wyszukiwarką danych komponentów |
|
L4995J Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4995J Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 35 page ![]() Electrical specifications L4995 8/35 Doc ID 13103 Rev 14 2 Electrical specifications 2.1 Absolute maximum ratings Stressing the device above the rating listed in the “Absolute maximum ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VVsdc DC supply voltage - 0.3 to 40 V IVsdc Input current Internally limited VVo (1) 1. Using the typical application schematic with Cout= 10 µF and Iout=0 A, when the regulator is switched-on, an overshoot exceeding 6 V could occur.This behavior does not impact the reliability of the regulator. DC output voltage - 0.3 to 6 V IVo DC output current Internally limited VWi Watchdog input voltage -0.3 to VVo + 0.3 V Vod Res output voltage -0.3 to VVo + 0.3 V Iod Res output current Internally limited Vcr Vcr voltage - 0.3 to VVo + 0.3 V Vcw Watchdog delay voltage - 0.3 to VVo + 0.3 V VEn Enable input - 0.3 to VVsdc +0.3 V Tj Junction temperature - 40 to 150 C VESD ESD voltage level (HBM-MIL STD 883C) ± 2 kV VESD ESD voltage level (CDM AEC-Q100-011) 750 V |