Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCP1531 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części LCP1531
Szczegółowy opis  Programmable transient voltage suppressor for SLIC protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1531 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button LCP1531 Datasheet HTML 2Page - STMicroelectronics LCP1531 Datasheet HTML 3Page - STMicroelectronics LCP1531 Datasheet HTML 4Page - STMicroelectronics LCP1531 Datasheet HTML 5Page - STMicroelectronics LCP1531 Datasheet HTML 6Page - STMicroelectronics LCP1531 Datasheet HTML 7Page - STMicroelectronics LCP1531 Datasheet HTML 8Page - STMicroelectronics LCP1531 Datasheet HTML 9Page - STMicroelectronics LCP1531 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
LCP1531
8/10
DocID13397 Rev 5
Figure 10. SO-8 footprint measurements in mm (inches)
Table 8. SO-8 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.1
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
C
0.17
0.23
0.007
0.009
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.041
k°
08
08
ccc
0.10
0.004
6.8
(0.268)
4.2
(0.165)
1.27
(0.050)
0.6
(0.024)



Html Pages

1 2 3 4 5 6 7 8 9 10