Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U74HC2G00L-SM1-R Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części U74HC2G00L-SM1-R
Szczegółowy opis  2-INPUT NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G00L-SM1-R Arkusz danych(HTML) 3 Page - Unisonic Technologies

  U74HC2G00L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74HC2G00L-SM1-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC2G00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-338.A
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~+7.0
V
Input Voltage
VIN
-0.5~+7.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
25
mA
VCC or GND Current
ICC
50
mA
Power dissipation
PD
300
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
VCC=2.0V
625
ns
VCC=4.5V
1.67
139
ns
Input Transition Rise or Fall Times
VCC=6.0V
tR, tF
83
ns
Operating Temperature
TA
-40
25
125
°C
ELECTRICAL CHARACTERISTICS
(Voltage are referenced to GND=0V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
V
High-Level Input Voltage
VIH
VCC=6.0V
4.2
3.2
V
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
V
Low-Level Input Voltage
VIL
VCC=6.0V
2.8
1.8
V
VCC=2.0V, IOH=-20μA
1.9
2.0
V
VCC=4.5V, IOH=-20μA
4.4
4.5
V
VCC=6.0V, IOH=-20μA
5.9
6.0
V
VCC=4.5V, IOH=-4mA
4.13
4.32
V
High-Level Output Voltage
VOH
VCC=6.0V,IOH=-5.2mA
5.63
5.81
V
VCC=2.0V, IOL=20μA
0
0.1
V
VCC=4.5V, IOL=20μA
0
0.1
VCC=6.0V, IOL=20μA
0
0.1
VCC=4.5V, IOL=4mA
0.15
0.33
Low-Level Output Voltage
VOL
VCC=6.0V, IOL=5.2mA
0.16
0.33
Input Leakage Current
II(LEAK)
VCC=6.0V, VIN=VCC or GND
±1
μA
Quiescent Supply Current
IQ
VCC=6.0V, VIN=VCC or GND, IOUT=0
10
μA
Input Capacitance
CIN
VCC=5.0V, VIN=VCC or GND
1.5
pF



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com