Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3N65L-TM3-R Arkusz danych(PDF) 7 Page - Unisonic Technologies

Numer części 3N65L-TM3-R
Szczegółowy opis  3A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TM3-R Arkusz danych(HTML) 7 Page - Unisonic Technologies

  3N65L-TM3-R Datasheet HTML 1Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 2Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 3Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 4Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 5Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 6Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 7Page - Unisonic Technologies 3N65L-TM3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-590.B
TYPICAL CHARACTERISTICS(Cont.)
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Case Temperature, TC ( )
75
100
0
125
50
25
1.0
1.5
2.0
2.5
3.0
Maximum Drain Current vs. Case
Temperature
0.5
150
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 1.18 /W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
Safe Operating Area
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Notes:
1. TJ=25
2. TJ=150
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
650



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com