Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC1206ML050M Arkusz danych(PDF) 3 Page - Socay Electornics Co., Ltd.

Numer części SC1206ML050M
Szczegółowy opis  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOCAY [Socay Electornics Co., Ltd.]
Strona internetowa  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206ML050M Arkusz danych(HTML) 3 Page - Socay Electornics Co., Ltd.

  SC1206ML050M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC1206ML050M Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
3 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
SC1210ML Series
Working Voltage
Varistor
Voltage
Clamping
Voltage
Peak
Current
Transient
Energy
Capacitance
<20
μA
Test Condition
DC
AC RMS
@1mA
DC
8/20
μs
8/20
μs
10/1000
μs
1KHz
Symbol
VDC
VRMS
VB
VC
IP
ET
CP
Units
Volts
(Max.)
Volts
(Max.)
Volts
Volts
(Max.)
Amps
(Max.)
Joules
(Max.)
pF
SC1210ML180K
14.0
11.0
16.8~25.2
40
250
1.5
1190~2210
SC1210ML240K
18.0
14.0
21.5~32.4
51
250
1.5
532~988
SC1210ML270K
22.0
17.0
26.4~39.6
62.0
250
1.5
490~910
SC1210ML330K
27.0
20.0
32.4~46.8
75.0
250
1.5
476~884
SC1210ML390K
30.0
25.0
36.0~54.0
85.0
250
1.5
378~702
SC1210ML470K
40.0
30.0
48.0~86.4
105.0
250
1.5
336~624
SC1210ML560K
45.0
35.0
54.0~81.0
125.0
250
1.5
413~767
SC1210ML680K
56.0
40.0
67.2~100.8
150.0
250
1.5
280~520
SC1210ML101K
75.0
50.0
90.0~135.0
200.0
250
1.5
203~377
SC1812ML Series
Working Voltage
Varistor
Voltage
Clamping
Voltage
Peak
Current
Transient
Energy
Capacitance
<20
μA
Test Condition
DC
AC RMS
@1mA
DC
8/20
μs
8/20
μs
10/1000
μs
1KHz
Symbol
VDC
VRMS
VB
VC
IP
ET
CP
Units
Volts
(Max.)
Volts
(Max.)
Volts
Volts
(Max.)
Amps
(Max.)
Joules
(Max.)
pF
SC1812ML240K
18.0
14.0
21.6~32.4
51.0
800
2.3
3080~5720
SC1812ML270K
24.0
18.0
28.8~43.2
67.0
800
2.7
2100~3900
SC1812ML330K
28.0
21.0
33.6~50.4
78.0
800
2..9
1820~3380
SC1812ML390K
30.0
22.0
36.0~54.0
83.0
800
2.9
1610~2290
SC1812ML560K
45.0
33.0
54.0~81.0
124.0
800
3.1
1260~2340
SC1812ML620K
48.0
35.0
57.6~86.4
132.0
800
3.2
910~1690
Electrical Characteristics (25
±5ºC) (Continue)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com