| Zakładka z wyszukiwarką danych komponentów |
|
SC600-200 Arkusz danych(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC600-200 Arkusz danych(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 4 page ![]() Radial Lead Resettable Polymer PTCs Revision September 12, 2013 2 / 4 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SC600 Series SOCAY Electronics Co., Ltd. www.socay.com Ambient Operation Temperature -40 °C -20 °C 0 °C 25 °C 40 °C 50 °C 60 °C 70 °C 85 °C Part Number Hold Current (A) SC600-110 0.171 0.149 0.125 0.110 0.091 0.081 0.060 0.052 0.046 SC600-150 0.233 0.206 0.178 0.150 0.124 0.110 0.096 0.083 0.062 SC600-160 0.249 0.219 0.190 0.160 0.132 0.117 0.103 0.088 0.066 SC600-200 0.310 0.275 0.238 0.200 0.165 0.147 0.129 0.110 0.083 A=SC600-110 B=SC600-150 C=SC600-160 D=SC600-200 Temperature Rerating Chart – I hold (A) Temperature Rerating Curve Average Time Current Curves Current in Amperes Temperature ( °C) |