Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M93C46-R Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części M93C46-R
Szczegółowy opis  (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-R Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button M93C46-R Datasheet HTML 25Page - STMicroelectronics M93C46-R Datasheet HTML 26Page - STMicroelectronics M93C46-R Datasheet HTML 27Page - STMicroelectronics M93C46-R Datasheet HTML 28Page - STMicroelectronics M93C46-R Datasheet HTML 29Page - STMicroelectronics M93C46-R Datasheet HTML 30Page - STMicroelectronics M93C46-R Datasheet HTML 31Page - STMicroelectronics M93C46-R Datasheet HTML 32Page - STMicroelectronics M93C46-R Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x
32/33
DocID4997 Rev 15
26-Oct-2013
14
Updated:
– Table 1: Device summary: added “M93C46-R” and “M93C86-R”,
deleted M93Cxx part numbers.
– Features: Single supply voltage, write cycles and data retention
– Section 1: Description
– Note (2) under Table 7: Absolute maximum ratings.
– Section 10: DC and AC parameters: updated the introduction and
deleted tables related to M93Cxx part numbers.
– Figure 9: AC testing input output waveforms
– Table 14: DC characteristics (M93Cx6-W, device grade 6), Table 15:
DC characteristics (M93Cx6-R), Table 16: AC characteristics
(M93Cx6-W, M93Cx6-R, device grade 6) and Table 17: AC
characteristics (M93Cx6-R).
– Table 22: Ordering information scheme.
Added:
– Figure 4: M93Cx6 ORG input connection
– Table 10: Cycling performance and Table 11: Memory cell data
retention.
15-Nov-2013
15
Removed Table 14 Cycling performance by byte
Table 23. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33