| Zakładka z wyszukiwarką danych komponentów |
|
CS49310 Arkusz danych(PDF) 55 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS49310 Arkusz danych(HTML) 55 Page - Cirrus Logic |
|
55 / 86 page ![]() CS49300 Family DSP DS339PP4 55 CS493XX sends out the boot message BOOT_START (0x01) and the host should proceed to step 5. 4) If initialization fails, the CS493XX sends out an INIT_FAILURE boot message byte (0xFD or 0xFE), INVALID_MSG byte (0xFB), or BOOT_ERROR byte (0xFA or 0xFC) and spins waiting for a hard reset. The host should re-try steps 1 through 3 and if failure is met again, the serial communication timing and protocol should be inspected. 5) After receiving the BOOT_START byte, the host should write the downloadable image (from the .LD file). 6) The end of the .LD file contains a three byte checksum. If the checksum is good after download, the CS493XX will send a BOOT_SUCCESS message (0x02) to the host. If the checksum was bad, the CS493XX responds with the BAD_CHECKSUM message byte (0xFF) and spins, waiting for hard reset. 7) After reading out the BOOT_SUCCESS byte, the host should send the BOOT_SUCCESS_RECEIVED message (0x000005) which will cause an internal application code reset and allow the downloaded application to run. 8) After waiting 5ms to allow the downloaded application to initialize, the host can send configuration messages for both hardware and software configuration. 8.1.2. Parallel Download Sequence The following is a detailed description of a parallel download sequence for the CS493XX. Note: When reading from the chip in a parallel communication mode, the host must read the HOSTCTL register and test the HOUTRDY bit before starting the read cycle. 1) A download sequence is started when the host issues a hard reset and holds the mode pins appropriately (WR, RD, and PSEL). 2) The host should then send the boot message DOWNLOAD_BOOT (0x000004). This causes the CS493XX to initialize itself for download. 3) If the initialization was successful the CS493XX sends out the boot message BOOT_START (0x01) and the host should proceed to step 5. 4) If initialization fails, the CS493XX sends out an INIT_FAILURE boot message byte (0xFD or 0xFE), INVALID_MSG byte (0xFB), or BOOT_ERROR byte (0xFA or 0xFC) and spins waiting for a hard reset. The host should re-try steps 1 through 3 and if failure is met again, the serial communication timing and protocol should be inspected. 5) After receiving the BOOT_START byte, the host should write the downloadable image (from the .LD file). 6) The end of the .LD file contains a three byte checksum. If the checksum is good after download, the CS493XX will send a BOOT_SUCCESS message (0x02) to the host. If the checksum was bad, the CS493XX responds with the BAD_CHECKSUM message byte (0xFF) and spins, waiting for hard reset. 7) After reading out the BOOT_SUCCESS byte, the host should send the BOOT_SUCCESS_RECEIVED message (0x000005) which will cause an internal application code reset and allow the downloaded application to run. 8) After waiting 5ms to allow the downloaded application to initialize, the host can send configuration messages for both hardware and software configuration. |