Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4952-CL Arkusz danych(PDF) 17 Page - Cirrus Logic

Numer części CS4952-CL
Szczegółowy opis  NTSC/PAL Digital Video Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4952-CL Arkusz danych(HTML) 17 Page - Cirrus Logic

Back Button CS4952-CL Datasheet HTML 13Page - Cirrus Logic CS4952-CL Datasheet HTML 14Page - Cirrus Logic CS4952-CL Datasheet HTML 15Page - Cirrus Logic CS4952-CL Datasheet HTML 16Page - Cirrus Logic CS4952-CL Datasheet HTML 17Page - Cirrus Logic CS4952-CL Datasheet HTML 18Page - Cirrus Logic CS4952-CL Datasheet HTML 19Page - Cirrus Logic CS4952-CL Datasheet HTML 20Page - Cirrus Logic CS4952-CL Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
CS4952/53
DS223PP2
17
NTSC Interlaced
The CS4952/3 supports NTSC-M and PAL-M
modes where there are 525 total lines per frame and
two fixed 262.5 line fields per frame and 30 total
frames occuring per second. Please reference Fig-
ure 9 for NTSC interlaced vertical timing. Each
field consists of 1 line for closed caption, 240 ac-
tive lines of video plus 21.5 lines of blanking.
VSYNC field one transistions low at the beginning
of line 4 and will remain low for 3 lines or (858 x 3)
2574 pixel cycles. The CS4952/3 exclusively re-
serves line 21 of field one for closed caption inser-
tion. Digital video input is expected to be delivered
to the CS4952/3 V [7:0] pins for 240 lines begin-
ning on active video lines 22 and continuing
through line 261. VSYNC field two transistions
low in the middle of line 266 and stays low for 3
lines times and transitions high in the middle of line
269. The CS4952/3 exclusively reserves line 284 of
field two for closed caption insertion. Video input
on the V [7:0] pins is expected between lines 285
through line 525.
PAL Interlaced
The CS4952/3 supports PAL modes B, D, G, H, I,
N, and Combination N where there are 625 total
lines per frame and two fixed 312.5 line fields per
frame and 25 total frames occuring per second.
Please reference Figure 10 for PAL interlaced ver-
tical timing. Each field consists of 288 active lines
of video plus 24.5 lines of blanking.
Figure 9. NTSC Video Interlaced Timming
523
524
525
1
2
3
4
5
6
7
8
9
VSYNC* Drops
10
22
Analog
Field 1
261
262
263
Analog
Field 2
285
284
272
271
270
269
268
267
266
265
264
523
524
525
1
2
3
4
5
6
7
8
9
VSYNC* Drops
10
22
Analog
Field 3
261
262
263
Analog
Field 4
285
284
272
271
270
269
268
267
266
265
264
Burst begins with positive half-cycle
Burst begins with negative half-cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44