Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZACT Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części EZACT
Szczegółowy opis  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZACT Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  EZACT Datasheet HTML 1Page - Panasonic Semiconductor EZACT Datasheet HTML 2Page - Panasonic Semiconductor EZACT Datasheet HTML 3Page - Panasonic Semiconductor EZACT Datasheet HTML 4Page - Panasonic Semiconductor EZACT Datasheet HTML 5Page - Panasonic Semiconductor EZACT Datasheet HTML 6Page - Panasonic Semiconductor EZACT Datasheet HTML 7Page - Panasonic Semiconductor EZACT Datasheet HTML 8Page - Panasonic Semiconductor EZACT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
GND
Electrode
(Outer)
Marking
Protective coating
Alumina substrate
Electrode
(Outer)
GND
Electrode
(Outer)
33
GND
Electrode
(Outer)
Marking
Protective coating
Alumina substrate
Electrode
(Outer)
GND
Electrode
(Outer)
GND
Electrode
(Outer)
Marking
Protective coating
Alumina substrate
Electrode
(Outer)
GND
Electrode
(Outer)
R1
C1
R2
C2
R3
R4
C3
C4
10
9
8
7
2345
6
1
R1=R2=R3=R4
C1=C2=C3=C4
GND
GND
R1
C1
R2
C2
R3
R4
C3
C4
10
9
8
7
23
4
5
6
1
GND
GND
R1=R2=R3=R4
C1=C2=C3=C4
11
12
GND
Electrode
(Outer)
Marking
Protective coating
Alumina substrate
Electrode
(Outer)
GND
Electrode
(Outer)
33
E
1
Z
2
A
3
S
4
S
5
B
6
7
7
0
8
1
9
A
10
J
11
12
SSB
J
±5%
4.0 mm
2.1 mm
Thick Film Noise
Suppression and
Filtering
Components
Suffix for Special
Requirement
Dimension and
Circuit Configuration
Resistance
Tolerance
Design Number
Common Code
Convex
terminal type
Chip RC
Networks
Resistance Value : 10
to 100 k
Capacitance Value : 10 pF to 180 pF
In above-mentioned range, it is possible to
choose optional R/C.
GND
Electrode
(Outer)
Marking
Protective coating
Alumina substrate
Electrode
(Outer)
R1
R2
R3
R4
C1
C2
C3
C4
10
9
8
7
GND
GND
2345
6
1
R1=R2=R3=R4
C1=C2=C3=C4
■ Explanation of Part Numbers
● EZASSB (R/C Except the standard Combination)
■ Construction
■ Circuit Configuration
EZACT
EZADT
EZAST/SS
EZANT
EZASTB/SSB
EZACT
EZADT • EZAST/SS • EZANT
EZASTB/SSB
Feb. 2006



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com