| Zakładka z wyszukiwarką danych komponentów |
|
1N4745AL-Z41-R Arkusz danych(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
1N4745AL-Z41-R Arkusz danych(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() 1N4745A DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-211.A ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted) PARAMETER SYMBOL RATINGS UNIT Forward Voltage at IF=200mA VF 1.2 V DC Power Dissipation at TL=50°C (Note 2) PD 1 W Junction Temperature TJ -55~+175 °C Storage Temperature TSTG -55~+175 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. TL=Lead temperature at 3/8 " (9.5mm) from body. 3. Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient Air (Note 3) θJA 170 °C/W ELECTRICAL CHARACTERISTICS(Cont.) PART NUMBER Nominal Zener Voltage Maximum Zener Impedance Maximum Reverse Leakage Current Maximum DC Zener Current Maximum Surge Current VZ @ IZT IZT ZZT @ IZT ZZK @ IZK IZK IR @ VR IZM IRM (V) (mA) (Ω) (Ω) (mA) (μA) (V) (mA) (mApK) 1N4745A 16 15.5 16 700 0.25 0.1 12.2 57 285 |