| Zakładka z wyszukiwarką danych komponentów |
|
HTQN Arkusz danych(PDF) 3 Page - EUROQUARTZ limited |
|
|
|||||||||||||||||||||||||||||
HTQN Arkusz danych(HTML) 3 Page - EUROQUARTZ limited |
|
3 / 4 page ![]() EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk EURO QUARTZ 5.0 x 3.2mm SMD Package OUTLINE & DIMENSIONS 7.0 x 5.0mm SMD Package 'HTQN' Specification Low Jitter Oscillators 10MHz to 245MHz Page 3 of 4 QN Series CMOS Oscillators Environmental Approvals RoHS Compliant, Pb (lead) free in accordance with EU Directive 2002/95/EC 6/6 (2002/95EC) and WEEE (2002/96/EC). Free of halide, cadmium, hexavalent chromium, lead, mercury, PBBs and PBDEs Moisture sensitivity Level Level 1 (infinite) according to IPC/JEDEC J-STF-020D.1 Second Level Interconnect 'e4 Storage Temperature Range -55° to +125°C Humidity 85%RH, 85°C, 48 hours Fine Leak / Gross Leak MIL-STD-202F Method 1014, Cond. A / MIL-STD-883, Method 1014, Cond C. Solderability MIL-STD-202F method 208E Reflow 260°C for 10s. 2 times Vibration MIL-STD-202F Method 204, 35g, 50 to 2000Hz Shock MIL-STD-202F, Method 213B, Test Cond. E, 1000gg 1/2 sine wave. Resistance to Solvents MIL-STD-202, Method 215 Temperature Cyscling MIL-STD-883, Method 1010 ESD Rating Human Body Model (HBM): 1500 V minimum. Pad Surface Finish Gold (Au)(0.3µm ot 1.0µm) over nickel (Ni)(1.27µm to 8.89µm) Weight of the Device 576 package: 0.18gm typical, 536 package: 0.09gm typical. ENVIRONMENTAL PERFORMANCE SPECIFICATION |