| Zakładka z wyszukiwarką danych komponentów |
|
EEEFC0J221AP Arkusz danych(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEEFC0J221AP Arkusz danych(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 2 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FC – EEE-33 – A±0.2 W L ( ) Reference size + – 0.3 max. Pressure Relief ( 010 and larger) Capacitance (μF) Rated voltage Mark Series identification Lot number Negative polarity marking (–) Mark for Lead-Free Products Black Dot (Square) ■ Features ● Endurance : 105 °C 1000 h ● Low impedance (1/2 for HA series) ● Vibration-proof product is available upon request. (08 mm and larger) ● AEC-Q200 qualified✽ ● RoHS directive compliant Surface Mount Type Series: FC Type: V FC High temperature Lead-Free reflow(suffix:A✽) ■ Specifications Category Temp. Range –40 °C to +105 °C Rated W.V. Range 6.3 V.DC to 35 V.DC Nominal Cap. Range 1 μF to 1500 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater) tan d Please see the attached High temperature lead-free reflow products list. Characteristics at Low Temperature W.V. (V) 6.3 10 16 25 35 (Impedance ratio at 120 Hz) Z(–25 °C) / Z(+20 °C) 22222 Z(–40 °C) / Z(+20 °C) 33333 Endurance After applying rated working voltage for 1000 hours at +105 °C±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits. Capacitance change ±20 % of initial measured value tan d < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment) Resistance to Soldering Heat After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits. Capacitance change ±10 % of initial measured value tan d < initial specified value DC leakage current < initial specified value ■ Dimensions in mm (not to scale) ■ Marking Example:6.3 V 22 μF Marking color : BLACK HA FC Low impedance ↑ Size code D L A, B H I W P K B 4.0 5.4 -0.2 4.3 5.5 max. 1.8 0.65±0.1 1.0 0.35 -0.20 C 5.0 5.4 -0.2 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 -0.20 D 6.3 5.4 -0.2 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 -0.20 E 8.0 6.2±0.3 8.3 9.5 max. 3.4 0.65±0.1 2.2 0.35 -0.20 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.2 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.2 +0.1 +0.1 +0.1 +0.15 +0.15 +0.15 +0.15 Frequency (Hz) 50, 60 120 1 k 10 k 100 k to Correction factor 0.70 0.75 0.90 0.95 1.00 ■ Frequency correction factor for ripple current j 6.3 V A 10 V C 16 V Rated Voltage Mark E 25 V V 35 V (Unit : mm) ✽ This product qualify for AEC-Q200, but it has some deviations. 01 Mar. 2014 |
Podobny numer części - EEEFC0J221AP |
|
Podobny opis - EEEFC0J221AP |