Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

78172-0005 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 78172-0005
Szczegółowy opis  PicoEZmate??Wire-to-Board Housing, 5 Circuits, Lead-Free
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX11 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

78172-0005 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  78172-0005 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/27/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
78172-0005
Status:
Active
Overview:
Pico-EZmate™
Description:
PicoEZmate™ Wire-to-Board Housing, 5 Circuits, Lead-Free
Documents:
3D Model
Application Specification AS-78172-006 (PDF)
Drawing (PDF)
Packaging Specification SPK-78172-001 (PDF)
Product Specification PS-78171-010 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
78172
Application
Signal, Wire-to-Board
Overview
Pico-EZmate™
Product Name
Pico-EZmate™
UPC
883906045128
Physical
Breakaway
No
Circuits (maximum)
5
Color - Resin
Black
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Net Weight
15.000/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.20mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
1.5A
Material Info
Reference - Drawing Numbers
Application Specification
AS-78172-006
Packaging Specification
SPK-78172-001
Product Specification
PS-78171-010, RPS-78172-003
Sales Drawing
SD-78172-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78172Series
Mates With
78171 Header
Use With
78172-0410 Crimp Terminals
This document was generated on 08/27/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 78172-0005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
78172-0005 MOLEX-78172-0005 Datasheet
104Kb / 2P
1.20mm (.047?? Pitch Pico-EZmate??W-to-B Connectors
78172-0005 MOLEX-78172-0005 Datasheet
63Kb / 1P
1.20MM PITCH, W-T-B RECEPTACLE CONNECTOR
More results

Podobny opis - 78172-0005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
78172-0002 MOLEX11-78172-0002 Datasheet
42Kb / 1P
PicoEZmate??Wire-to-Board Housing, 2 Circuits, Lead-Free
78172-0003 MOLEX11-78172-0003 Datasheet
42Kb / 1P
PicoEZmate??Wire-to-Board Housing, 3 Circuits, Lead-Free
78172-0004 MOLEX11-78172-0004 Datasheet
53Kb / 1P
PicoEZmate??Wire-to-Board Housing, 4 Circuits, Lead-Free
78172-5006 MOLEX11-78172-5006 Datasheet
42Kb / 1P
PicoEZmate??Wire-to-Board Housing, 6 Circuits, Lead-Free
78172-5007 MOLEX11-78172-5007 Datasheet
42Kb / 1P
PicoEZmate??Wire-to-Board Housing, 7 Circuits, Lead-Free
0781720002 MOLEX1-0781720002 Datasheet
34Kb / 1P
PicoEZmate Wire-to-Board Housing, 2 Circuits
0781720003 MOLEX1-0781720003 Datasheet
34Kb / 1P
PicoEZmate Wire-to-Board Housing, 3 Circuits
0781720004 MOLEX1-0781720004 Datasheet
34Kb / 1P
PicoEZmate Wire-to-Board Housing, 4 Circuits
0781720005 MOLEX1-0781720005 Datasheet
34Kb / 1P
PicoEZmate Wire-to-Board Housing, 5 Circuits
0781725007 MOLEX1-0781725007 Datasheet
34Kb / 1P
PicoEZmate Wire-to-Board Housing, 7 Circuits
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com