Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPV380 Arkusz danych(PDF) 2 Page - OPTEK Technologies

Numer części OPV380
Szczegółowy opis  Vertical Cavity Surface Emitting Laser in Lateral Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTEK [OPTEK Technologies]
Strona internetowa  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV380 Arkusz danych(HTML) 2 Page - OPTEK Technologies

  OPV380_14 Datasheet HTML 1Page - OPTEK Technologies OPV380_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCSEL in Flat Lens Lateral Package
OPV380
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40
° to +100° C
Operating Temperature Range
0
° to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from case for 5 sec with soldering iron]
260
° C(1)
Maximum Forward Peak Current, Continuous
12 mA
Maximum Reverse Voltage
5 V
Maximum Forward Current, pulsed (1µs P.W., 10% D.C.)
48 mA
NOTES:
(1)
RMA flux is recommended. Solder dwell time can be increased to 10 seconds when flow soldering.
(2)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(3)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(4)
Slope efficiency, is the slope of the best fit LI line from 5 mA to 8 mA with 0.25mA test intervals.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
POT
Total Power Out
1.5
mW
IF = 7 mA
ITH
Threshold Current
3.0
mA
Note 2
VF
Forward Voltage
2.2
V
IF = 7 mA
IR
Reverse Current
100
nA
VR = 5 V
RS
Series Resistance
20
55
ohms
Note 3
η
Slope Efficiency
0.28
mW/mA
Note 4
λ
Wavelength
840
860
nm
Δλ
Optical Bandwidth
0.85
nm
θ
Beam Divergence
20
Degrees
FWHM
Δη/ΔT
Temp Coefficient of Slope Efficiency
-0.50
%/
°C
(0
° - 70°C), Note 4
Δλ/ΔT
Temp Coefficient of Wavelength
0.06
nm/
°C
(0
° - 70°C)
Δl
TH
Temp Variance of Threshold Current
±1.0
mA
(0
° - 70°C), Note 2
ΔV
F/ΔT
Temp Coefficient for Forward Voltage
-2.5
mV/
°C
(0
° - 70°C)
Issue 1.2 09.09
Page 2 of 2
Normalized Output Power vs.
Forward Current
0
2
4
6
8
10
12
Forward Current—mA
200%
100%
0%
Normalized at 7mA, 25°C
Typical Angular Output
0
0%
20%
40%
60%
100%
Angular Displacement—Degrees
-30
-90
60
90
30
-60
80%



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com