| Zakładka z wyszukiwarką danych komponentów |
|
DHS100A Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DHS100A Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 12 page ![]() DHS-9 DHS50B External view 2- f3.5 [1.9] [0.06] [0.14] [0.1] 4- f1.5 2- f2.5 Lot No. 2-M3 2- f2 [0.08] ±0.2 4- f1 [0.04] ±0.1 -VIN RC +VIN -VOUT TRM +VOUT (5.0) [0.2] 48.3 ±0.5 48.3 58.4 [1.9] [2.3] max ¶ Div. : 0.2inch Case(PBT) Base Plate(Aluminum) Name Plate Mounting Hole ¶ Dimensions in mm, [ ]=inches ¶ Tolerance : ±0.3 [±0.012] ¶ Weight : 60g max ¶ Dimensions in mm, [ ]=inches ¶ Mounting hole screwing torque : 0.49N -m (5.0kgf-cm) max (TOP VIEW) Recomending size for processing PCB DHS |