| Zakładka z wyszukiwarką danych komponentów |
|
B540C Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
B540C Arkusz danych(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS13012 Rev. C-2 2 of 2 B520C-B560C 0 35 70 105 140 175 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current Single Half-Sine-Wave (JEDEC Method) 10 100 1000 0.1 1 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T = 25°C j 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig.5 Typical Reverse Characteristics T = 125°C j T = 100°C j T = 25°C j 100 10 1.0 0.1 0.01 0.001 0.1 1.0 10 100 0 0.2 0.4 0.6 0.8 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F B520C - B540C B550C - B560C T = 25ºC j I Pulse Width = 300 ms F 0 1.0 2.0 25 50 75 100 125 150 T , TERMINAL TEMPERATURE (ºC) Fig. 1 Forward Current Derating Curve T 3.0 4.0 5.0 |