| Zakładka z wyszukiwarką danych komponentów |
|
ZIOL2201 Arkusz danych(PDF) 85 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2201 Arkusz danych(HTML) 85 Page - List of Unclassifed Manufacturers |
|
85 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 85 of 90 over-current (OVT) exception Bit[2]: Reset the AUX COM over-current counter and reset of the internal and stored AUX over-current (OVT) exception Bit[3]: Reset of the stored WURQ exception Figure 10.5 Partial Reset of Overload Counter or the entire Lock circuit Channel Driver unlocked Over-load / Over-temp Reg[20] Peak Counter Reg[21:25] Overload Counter Stored Exception Reg[18] INT_L Lock Reset (lock counter elapsed) Assert time Exception (state signal) Reg[20] By „Read & Clear“ reset of the peak counter Assert time expired, exception causes INT_L = 0 (if configured) unlocked locked monitored physical value exceeds the configured limit time time time time time time overload counter equals configured limit Configured Lock time Write Pulse to Reg[16] or reg[17] will reset the overload counter only since there is no exception present Write Pulse to Reg[16] = reset lock circuit A write pulse access to register [17] works similar but performs only a partial reset of the overload counter as in the following described: |