| Zakładka z wyszukiwarką danych komponentów |
|
ZLED-PCB2 Arkusz danych(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZLED-PCB2 Arkusz danych(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 20 page ![]() ZLED7000 40V LED Driver with Internal Switch Data Sheet August 12, 2010 © 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 15 of 19 3.4 Output Ripple Shunt a capacitor CLED across the LED(s) as shown in Figure 3.1 to minimize the peak-to-peak ripple current in the LED if necessary. Figure 3.1 Output Ripple Reduction VIN ISENSE LX ZLED7000 n LED L1 CLED RS D1 VS GND ADJ C1 Low ESR capacitors should be used because the efficiency of CLED largely depends on its ESR and the dynamic resistance of the LED(s). For an increased number of LEDs, using the same capacitor will be more effective. Lower ripple can be achieved with higher capacitor values, but this will increase start-up delay by reducing the slope of the LED voltage. The capacitor will not affect operating frequency or efficiency. For a simulation or bench optimization, CLED values of a few μF are an applicable starting point for the given configuration. |