| Zakładka z wyszukiwarką danych komponentów |
|
ZLED-PCB1 Arkusz danych(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZLED-PCB1 Arkusz danych(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 24 page ![]() ZLED7010 40V LED Driver with Temperature Compensation Data Sheet August 12, 2010 © 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 14 of 23 The following calculation example yields an operating frequency of 122kHz and a duty cycle of 0.33: Input data: VIN=12V, L=220μH, rL=0.48Ω, VLED=3.4V, IAVG =333mA and VD =0.36V s 47 . 5 3 . 0 48 . 0 A 333 . 0 V 36 . 0 V 4 . 3 A 333 . 0 3 . 0 H 220 TOFF (5) And s 73 . 2 9 . 0 48 . 0 3 . 0 A 333 . 0 V 4 . 3 V 12 A 333 . 0 3 . 0 H 220 T ON (6) 3.2. External Component – Capacitor C1 To improve system efficiency, use a low-equivalent-series-resistance (ESR) capacitor for input decoupling because this capacitor must pass the input current AC component. The capacitor value is defined by the target maximum ripple of the supply voltage; the value is given by equation (7). MAX ON F MIN V T I C (7) Where IF Value of output current ΔVMAX Maximum ripple of power supply TON Maximum ON time of MOSFET In the case of an AC supply with a rectifier, the capacitor value must be chosen high enough to make sure that the DC voltage does not drop below the maximum forward voltage of the LED string plus some margin for the voltage drops across the coil resistance, shunt resistor, and ON resistance of the switching transistor. Recommendation: Use capacitors with X5R, X7R, or better dielectric for maximum stability over temperature and voltage. Do not use Y5V capacitors for decoupling in this application. For higher capacitance values, aluminum electrolytic caps with high switching capability should be used. In this case improved performance can be reached by an additional X7R/X5R bypass capacitor of at least 100nF. 3.3. External Component – Diode D1 For the rectifier D1, select a high-speed low-capacitance Schottky diode with low reverse leakage at the maximum operating voltage and temperature to ensure maximum efficiency and performance. Important: Choose diodes with a continuous current rating higher than the maximum output load current and a peak current rating above the peak coil current. When operating above 85°C, the reverse leakage of the diode must be addressed because it can cause excessive power dissipation in the ZLED7010. Note: Silicon diodes have a greater forward voltage and overshoot caused by reverse recovery time, which can increase the peak voltage on the LX output. Ensure that the total voltage appearing on the LX pin, including supply ripple, is within the specified range (see section 1.3). |