| Zakładka z wyszukiwarką danych komponentów |
|
BAT42WS Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAT42WS Arkusz danych(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS30100 Rev. 7 - 2 2 of 2 BAT42WS / BAT43WS 10 0 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig.3 Typical Reverse Characteristics R T = 125ºC A T = 75ºC A T = 25ºC A 100 10 1.0 0.1 0.01 1000 0.1 1.0 10 100 0 200 400 600 800 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F T = -25ºC A T = 25ºC A T = 125ºC A T = 75ºC A 0 0 20 40 25 50 75 100 125 150 T , AMBIENT TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve A ° 60 80 100 T = 125 C j ° 1.0 10 100 015 10 25 30 35 20 40 V , REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage R 5.0 T = 25 C j ° f = 1MHz Notes: 2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping BAT42WS-7/BAT43WS-7 SOD-323 3000/Tape & Reel Ordering Information (Note 2) Marking Information XX XX = Product Type Marking Code See Sheet 1 |