Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P112 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części P112
Szczegółowy opis  KNOBS AND DIAL PLATES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

P112 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  P112 Datasheet HTML 1Page - List of Unclassifed Manufacturers P112 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KNOBS
Part Number
Switch Type
Shaft Diameter
Description
Overall Length
KNOBS AND DIAL PLATES
54A
DIAL
PLATES
Part Number
Switch Angle
Numbering
Description
Plate Diameter
P112
30
°
1-12
1.87
P118
30
°
1-11
1.87
P117
30
°
1-10
1.87
P173
15
°
1-23
1.87
P230
20
°
1-5
2.75
P232
20
°
1-8
2.75
P231
20
°
1-17
2.75
P115
30
°
1-5
1.87
1930BP
Rotary
0.250
Large round knob
with skirt and one
set screw
1.50
1922
Rotary
0.250
Outer knob for
dual concentric
designs
1.06
1914N
Rotary
0.250
Round knob with
brass insert and
one set screw
0.75
1910DG
Rotary
0.125
Inner knob with
skirt and spun
silver color cap
0.75
1400R
Rotary
0.125
Pointer knob with
one set screw
0.82
1202BJ
Rotary
0.250
Round knob with
spun silver color
cap and one set
screw
0.75
KNOBS
Part Number
Switch Type
Shaft Diameter
Description
Overall Length
2300
Rotary
0.250
Pointer knob with
one set screw
1.25
2350AP
Rotary
0.250
Round knob with
brass insert and
two set screws
2.00
5149A
Lever
0.187x0.050
Oval knob push
on design
0.79
SSKW
Lever
0.187x0.060
Switch tip push on
design-white
0.35 Dia.
SSKB
Lever
0.187x0.060
Switch tip push on
design-black
0.35 Dia.


Podobny numer części - P112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
List of Unclassifed Man...
P112 ETC-P112 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
logo
Connor-Winfield Corpora...
P112-155.52 CONNOR-WINFIELD-P112-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Pletronics, Inc.
P1120-3SDESV PLETRONICS-P1120-3SDESV Datasheet
81Kb / 7P
P113SD Series 3.3 V CMOS Clock Oscillators
P1120-3SDESW PLETRONICS-P1120-3SDESW Datasheet
80Kb / 7P
P113SD Series 2.5 V CMOS Clock Oscillators
More results

Podobny opis - P112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com