| Zakładka z wyszukiwarką danych komponentów |
|
EALED55X31-R Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EALED55X31-R Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 8 page ![]() EADOGM132-5 Page 6 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. *) Make sure that for 6:00 viewing direction ADC has to be set to „reverse“ (mirrored layout) ! *) Make sure that for 6:00 viewing direction ADC has to be set to „reverse“ (mirrored layout) ! INITIALISATION EXAMPLE Using the internal voltage converter (single supply +2.4V ..+3.3V). Applications „LOW POWER“ and „WIDE RANGE“ INITIALISATION EXAMPLE Using an external power supply for contrast (dual power supply). Application „LOW VOLTAGE“ Orientation for 6 o`clock (Bottom View) Initialisation example for single supply (bottom view) Command A0 D7 D6 D5 D4 D3 D2 D1 D0 Hex Remark (2) Display start line set 0 0 1 0 0 0 0 0 0 $40 Display start line 0 (8) ADC set 0 1 0 1 0 0 0 0 1 $A1 ADC reverse *) (15) Common output mode select 0 1 1 0 0 0 0 0 0 $C0 Normal COM0~COM31 (9) Display normal/reverse 0 1 0 1 0 0 1 1 0 $A6 Display normal (11) LCD bias set 0 1 0 1 0 0 0 1 0 $A2 Set bias 1/9 (Duty 1/33) (16) Power control set 0 0 0 1 0 1 1 1 1 $2F Booster, Regulator and Follower on (20) Booster ratio set 0 1 1 1 1 1 0 0 0 $F8 Set internal Booster to 3x / 4x 0 0 0 0 0 0 0 0 $00 (17) V0 voltage regulator set 0 0 0 1 0 0 0 1 1 $23 Contrast set (18) Electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 1 1 1 1 $1F (19) Static indicator set 0 1 0 1 0 1 1 0 0 $AC No indicator 0 0 0 0 0 0 0 0 $00 (1) Display ON/OFF 0 1 0 1 0 1 1 1 1 $AF Display on Initialisation example for dual power supply (bottom view) Command A0 D7 D6 D5 D4 D3 D2 D1 D0 Hex Remark (2) Display start line set 0 0 1 0 0 0 0 0 0 $40 Display start line 0 (8) ADC set 0 1 0 1 0 0 0 0 1 $A1 ADC reverse *) (15) Common output mode select 0 1 1 0 0 0 0 0 0 $C0 Normal COM0~COM31 (9) Display normal/reverse 0 1 0 1 0 0 1 1 0 $A6 Display normal (11) LCD bias set 0 1 0 1 0 0 0 1 0 $A2 Set bias 1/9 (Duty 1/33) (16) Power control set 0 0 0 1 0 1 0 1 1 $2B Booster off, Regulator, Follower on (17) V0 voltage regulator set 0 0 0 1 0 0 0 1 1 $23 Contrast set (18) Electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 1 1 1 1 $1F (19) Static indicator set 0 1 0 1 0 1 1 0 0 $AC No indicator 0 0 0 0 0 0 0 0 $00 (1) Display ON/OFF 0 1 0 1 0 1 1 1 1 $AF Display on |