Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCSB2/0-2-12 Arkusz danych(PDF) 2 Page - PANDUIT CORP.

Numer części PCSB2/0-2-12
Szczegółowy opis  Multi-Tap Connector with Clear Insulation, Double-Sided
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCSB2/0-2-12 Arkusz danych(HTML) 2 Page - PANDUIT CORP.

  PCSB2/0-2-12 Datasheet HTML 1Page - PANDUIT CORP. PCSB2/0-2-12 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S
H
W
L
Std.
Pkg.
Qty.
Hex Key
Size (In.)
Figure Dimensions
(In.)
No. of Ports
Conductor Size Range
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Multi-Tap Connector with Clear Insulation, Double-Sided (continued)
‡‡Not UL Listed or CSA Certified.
PCSB350-2-4
350 kcmil – #10 AWG STR
#10 AWG SOL
2
2.17
3.00
2.50
1.00
3/8
4
PCSB350-3-4
3
3.17
3.00
2.50
1.00
3/8
4
PCSB350-4-3
4
4.17
3.00
2.50
1.00
3/8
3
PCSB350-5-3
5
5.17
3.00
2.50
1.00
3/8
3
PCSB350-6-2
6
6.17
3.00
2.50
1.00
3/8
2
PCSB350-8-2
8
8.17
3.00
2.50
1.00
3/8
2
PCSB350-10-2Y
10
10.17
3.00
2.50
1.00
5/16
2
PCSB350-12-1Y
12
12.17
3.00
2.50
1.00
5/16
1
PCSB350-14-1Y
14
14.17
3.00
2.50
1.00
5/16
1
PCSB600-2-4Y
600 kcmil – #6 AWG STR
2
2.72
3.00
2.75
1.28
3/8
4
PCSB600-3-3Y
3
4.00
3.00
2.75
1.28
3/8
3
PCSB600-4-2Y
4
5.28
3.00
2.75
1.28
3/8
2
PCSB600-5-2
5
6.56
3.00
2.75
1.28
3/8
2
PCSB600-6-2Y
6
7.84
3.00
2.75
1.28
3/8
2
PCSB600-8-2Y
8
10.41
3.00
2.75
1.28
3/8
2
PCSB600-10-1Y
10
12.97
3.00
2.75
1.28
3/8
1
PCSB600-12-1Y
12
15.53
3.00
2.75
1.28
3/8
1
PCSB600-14-1Y
14
18.09
3.00
2.75
1.28
3/8
1
PCSB750-2-2Y‡‡
750 kcmil – #2 AWG STR
2
2.88
3.38
3.00
1.38
3/8
2
PCSB750-3-2Y‡‡
3
4.25
3.38
3.00
1.38
3/8
2
PCSB750-4-2Y‡‡
4
5.63
3.38
3.00
1.38
3/8
2
PCSB750-5-1Y‡‡
5
7.00
3.38
3.00
1.38
3/8
1
PCSB750-6-1Y‡‡
6
8.38
3.38
3.00
1.38
3/8
1
PCSB750-8-1Y‡‡
8
11.13
3.38
3.00
1.38
3/8
1
PCSB750-10-1Y‡‡
10
13.88
3.38
3.00
1.38
3/8
1



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com