| Zakładka z wyszukiwarką danych komponentów |
|
AS150 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS150 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() 2 Subject to change without notice PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com © 2010 Pentair Technical Products Accessories: Hole Seals Hole Seals Spec-00182 C Standard Product Catalog Number Material Finish/Color For Maximum Hole Diameter in./mm Hol-Sealer Diameter in./mm AS056M Steel ANSI 61 gray Micro 0.56 14 0.80 20 AS056MSS Stainless Steel Stainless Steel Micro 0.56 14 0.80 20 AS056CB Steel Chrysler beige Micro 0.56 14 0.80 20 AS056MFB Steel Ford brown Micro 0.56 14 0.80 20 AS056MLG Steel Light gray Micro 0.56 14 0.80 20 ASPBG Steel ANSI 61 gray 22.5-mm pushbutton holes 0.88 22 1.22 31 ASPBGSS Stainless Steel Stainless Steel 22.5-mm pushbutton holes 0.88 22 1.22 31 AS050 Steel ANSI 61 gray 1/2-in. conduit holes 0.88 22 1.38 35 AS050LG Steel Light gray 1/2-in. conduit holes 0.88 22 1.38 35 AS050SS Stainless Steel Stainless Steel 1/2-in. conduit holes 0.88 22 1.38 35 AS075 Steel ANSI 61 gray 3/4-in. conduit holes 1.06 27 1.56 40 AS075SS Stainless Steel Stainless Steel 3/4-in. conduit holes 1.06 27 1.56 40 AS075LG Steel Light gray 3/4-in. conduit holes 1.06 27 1.56 40 ASPB Steel ANSI 61 gray 30.5-mm pushbutton holes 1.25 32 1.75 44 ASPBSS Stainless Steel Stainless Steel 30.5-mm pushbutton holes 1.25 32 1.75 44 ASPBLG Steel Light gray 30.5-mm pushbutton holes 1.25 32 1.75 44 AS100 Steel ANSI 61 gray 1-in. conduit holes 1.38 35 1.88 48 AS100SS Stainless Steel Stainless Steel 1-in. conduit holes 1.38 35 1.88 48 AS100LG Steel Light gray 1-in. conduit holes 1.38 35 1.88 48 AS125 Steel ANSI 61 gray 1 1/4-in. conduit holes 1.69 43 2.19 56 AS125SS Stainless Steel Stainless Steel 1 1/4-in. conduit holes 1.69 43 2.19 56 AS125LG Steel Light gray 1 1/4-in. conduit holes 1.69 43 2.19 56 AS150 Steel ANSI 61 gray 1 1/2-in. conduit holes 2.00 51 2.50 64 AS150SS Stainless Steel Stainless Steel 1 1/2-in. conduit holes 2.00 51 2.50 64 AS150LG Steel Light gray 1 1/2-in. conduit holes 2.00 51 2.50 64 AS200 Steel ANSI 61 gray 2-in. conduit holes 2.50 64 3.00 76 AS200SS Stainless Steel Stainless Steel 2-in. conduit holes 2.50 64 3.00 76 AS200LG Steel Light gray 2-in. conduit holes 2.50 64 3.00 76 AS250 Steel ANSI 61 gray 2 1/2-in. conduit holes 3.00 76 3.50 89 AS250SS Stainless Steel Stainless Steel 2 1/2-in. conduit 3.00 76 3.50 89 AS300 Steel ANSI 61 gray 3-in. conduit holes 3.62 92 4.12 105 AS300SS Stainless Steel Stainless Steel 3-in. conduit holes 3.62 92 4.12 105 AS350 Steel ANSI 61 gray 3 1/2-in. conduit holes 4.12 105 4.62 117 AS350SS Stainless Steel Stainless Steel 3 1/2-in. conduit holes 4.12 105 4.62 117 AS400 Steel ANSI 61 gray 4-in. conduit holes 4.62 117 5.12 130 AS400SS Stainless Steel Stainless Steel 4-in. conduit holes 4.62 117 5.12 130 |