| Zakładka z wyszukiwarką danych komponentów |
|
MMBTA06 Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
MMBTA06 Arkusz danych(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS30037 Rev. C-2 2 of 2 MMBTA05 / MMBTA06 0 50 100 25 50 75 100 125 150 175 200 T , AMBIENT TEMPERATURE (°C) Fig. 1, Max Power Dissipation vs Ambient Temperature A 150 200 250 300 350 0 1 10 1000 100 1 10 100 1000 I , COLLECTOR CURRENT (mA) Fig. 2, Typical Pulsed Current Gain vs. Collector Current C V= 1V CE T = -40ºC A T = +125ºC A T = +25ºC A T , AMBIENT TEMPERATURE ( ) A ºC Fig. 4 Typical Collector-Cutoff Current vs. Ambient Temperature 10 0.01 0.1 1 25 50 75 100 125 V = 80V CB 0.001 0.01 I BASE CURRENT (mA) Fig.3Typical Collector Saturation Region B, 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1 10 100 I = 1mA C I = 10mA C I = 30mA C I = 100mA C |