Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM809LP Arkusz danych(PDF) 2 Page - Union Semiconductor, Inc.

Numer części UM809LP
Szczegółowy opis  3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNIONSEMI [Union Semiconductor, Inc.]
Strona internetowa  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809LP Arkusz danych(HTML) 2 Page - Union Semiconductor, Inc.

  UM809LP Datasheet HTML 1Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 2Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 3Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 4Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 5Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 6Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 7Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 8Page - Union Semiconductor, Inc. UM809LP Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
2/15
UM809/810
Ordering Information
UM8 XX ZZ P
XX: Output Type
=09 Push-pull Active Low
=10 Push-pull Active High
ZZ: Reset Threshold (V)
P: Package Type
=S SOT23-3
=P SC70-3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to +10
V
RESET, RESET
_____________
(push-pull)
-0.3 to VCC +0.3
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET, RESET
_____________
20
mA
Rate of Rise, VCC
100
V/us
PD
Continuous Power Dissipation
SC70-3
174
mW
SOT23-3
320
TJ
Operating Junction Temperature
SC70-3
-40 to +125
°C
SOT23-3
-40 to +105
TSTG
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10s)
300
°C
Note 1: Stresses beyond those listed under “Absolute maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com