Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM810AS Arkusz danych(PDF) 8 Page - Union Semiconductor, Inc.

Numer części UM810AS
Szczegółowy opis  3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UNIONSEMI [Union Semiconductor, Inc.]
Strona internetowa  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM810AS Arkusz danych(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM810AS Datasheet HTML 4Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 5Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 6Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 7Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 8Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 9Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 10Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 11Page - Union Semiconductor, Inc. UM810AS Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
8/15
UM809/810
flow to ground, holding RESET
_____________
low (Figure 8). R1’s value is not critical; 100kΩ is large enough
not to load RESET
_____________
and small enough to pull RESET
_____________
to ground.
A 100kΩ pull-up resistor to VCC is also recommended for the UM810 if RESET is required to
remain valid for VCC < 1V.
Figure 8. RESET
_____________
Valid to VCC = Ground Circuit
Interfacing to μPs with Bidirectional Reset Pins
Some µP’s (such as Motorola 68HC11) have bi-directional reset pins. Depending on the current
drive capability of the processor pin, an indeterminate logic level may result in series with the
output of the UM809 (Figure 9). If there are other components in the system which requires a
reset signal, they should be buffered so as not to load the reset line. If the other components are
required to follow the reset I/O of the μP, the buffer should be connected as shown with the solid
line.
Figure 9. Interfacing to Bidirectional Reset I/O
Benefits of Highly Accurate Reset Threshold
Most µP supervisor circuits have reset threshold voltages between 5% and 10% below the value of
nominal supply voltages. This ensures a reset will not occur within 5% of the nominal supply, but
will occur when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset may or may not be asserted.
The UM8_ L/T/Z use highly accurate circuitry to ensure that reset is asserted close to the 5% limit,
and long before the supply has declined to 10% below nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com