Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UBW1H331MPD Arkusz danych(PDF) 1 Page - Nichicon corporation

Numer części UBW1H331MPD
Szczegółowy opis  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NICHICON [Nichicon corporation]
Strona internetowa  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UBW1H331MPD Arkusz danych(HTML) 1 Page - Nichicon corporation

  UBW1H331MPD Datasheet HTML 1Page - Nichicon corporation UBW1H331MPD Datasheet HTML 2Page - Nichicon corporation UBW1H331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
B
2
W
3
1
4
A
5
2
6
2
7
1
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (
±20%)
Rated capacitance (220
µF)
Rated voltage (10V)
Series name
Type
φ D
8 · 10
Pb-free leadwire
Pb-free Polyolefin sleeve
PD
12.5 · 16
HD
Configuration
Pressure
relief vent
L+2 MAX.
15MIN
4MIN
Sleeve (polyolefin)
φd
φD
P
8
0.8
3.5
10
0.8
5.0
12.5
1.0
5.0
16
1.0
7.5
φd
0.8
0.6
0.6
0.8
In case L > 25 for the
φ12.5 dia. unit, lead dia. φ d = 0.8mm.
(mm)
BW
series
High Temperature Range, For +135°C Use
Highly dependable reliability withstanding load life of 1000 to 3000
hours at +135°C.
Suited for automobile electronics where heavy duty services are
indispensable.
Compliant to the RoHS directive (2011/65/EU).
Radial Lead Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 to +135°C
10 to 100V
1 to 4700µF
± 20% at 120Hz, 20°C
Printed with white color letter on blue sleeve.
After storing the capacitors under no load at 135˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Type numbering system (Example : 10V 220µF)
10
3
4
16
2
4
25
2
4
35
2
4
50
2
4
63
2
4
80
2
4
100
2
4
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours (1000
hours for
φD=8, 2000 hours for φD=10) at 135°C, the
peak voltage shall not exceed the rated voltage.
Dissipation Factor
Within ± 30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
120Hz
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
120Hz, 20°C
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Rated voltage (V)
tan
δ (MAX.)
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.10
80
0.08
100
0.08
Impedance ratio
ZT / Z20 (MAX.)
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Dimension table in next page.
After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (µA), whichever is greater.
BW
BX
High
Te m p e rature
High
Te m p e rature
BT
• Please refer to page 20 about the end seal configuration.
CAT.8100C


Podobny numer części - UBW1H331MPD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nichicon corporation
UBW1H331MPD NICHICON-UBW1H331MPD Datasheet
73Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Podobny opis - UBW1H331MPD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com