Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES2C Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części ES2C
Szczegółowy opis  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES2C Arkusz danych(HTML) 3 Page - Vishay Siliconix

  ES2C Datasheet HTML 1Page - Vishay Siliconix ES2C Datasheet HTML 2Page - Vishay Siliconix ES2C Datasheet HTML 3Page - Vishay Siliconix ES2C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES2A, ES2B, ES2C, ES2D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
3
Document Number: 88587
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Instantaneous Forward Voltage (V)
100
10
1
0.1
0.01
1
10
100
1000
10 000
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0
204060
80
100
0.1
Reverse Voltage (V)
0.1
10
1
100
20
10
30
40
50
60
0
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Cathode Band
DO-214AA (SMB)
0.086 (2.20)
0.077 (1.95)
0.155 (3.94)
0.130 (3.30)
0.180 (4.57)
0.160 (4.06)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
Mounting Pad Layout
0.086 (2.18) MIN.
0.060 (1.52) MIN.
0.085 (2.159) MAX.
0.220 (5.59) REF.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com