Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF392 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części MRF392
Szczegółowy opis  The RF Line Controlled ?쏲??Broadband Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF392 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF392 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF392 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF392 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF392 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF392 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF392 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
The RF Line Controlled “Q” Broadband Power Transistor
125W, 30 to 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF392
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Designed primarily for wideband large–signal output and driver amplifier
stages in the 30 to 500 MHz frequency range.
Specified 28 V, 400 MHz characteristics —
Output power = 125 W
Typical gain = 10 dB
Efficiency = 55% (typ.)
Built–in input impedance matching networks for broadband operation
Push–pull configuration reduces even numbered harmonics
Gold metallization system for high reliability
100% tested for load mismatch
The MRF392 is two transistors in a single package with separate base and collector
leads and emitters common. This arrangement provides the designer with a space
saving device capable of operation in a push–pull configuration.
PUSH–PULL TRANSISTORS
Product Image
CASE 744A–01, STYLE 1


Podobny numer części - MRF392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MRF392 MOTOROLA-MRF392 Datasheet
145Kb / 4P
BROADBAND PUSH-PULL RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF392 MACOM-MRF392 Datasheet
165Kb / 4P
Tthe RF Line NPN Silicon Push-Pull RF Power Transistor
logo
M/A-COM Technology Solu...
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
logo
Advanced Semiconductor
MRF392 ASI-MRF392 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF392 MA-COM-MRF392_15 Datasheet
222Kb / 6P
The RF Line Controlled Broadband Power Transistor
More results

Podobny opis - MRF392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF392 MA-COM-MRF392 Datasheet
222Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 125W, 30 to 500MHz, 28V
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor 100W, 30 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393 Datasheet
202Kb / 6P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_15 Datasheet
222Kb / 6P
The RF Line Controlled Broadband Power Transistor
MRF393 MA-COM-MRF393_15 Datasheet
202Kb / 6P
The RF Line Controlled Broadband Power Transistor
MRF327 MA-COM-MRF327_17 Datasheet
753Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF392 MA-COM-MRF392_17 Datasheet
685Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
MRF393 MA-COM-MRF393_17 Datasheet
659Kb / 7P
The RF Line Controlled ?쏲??Broadband Power Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com