| Zakładka z wyszukiwarką danych komponentów |
|
NC3FD-V Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NC3FD-V Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 29 page ![]() 28 NC6MP-B NC3FP-1 NC3MP NC3FP-1 NC3MPR-HD NC5MPR-HD NC3MPR-HD NC5MPR-HD NC5FX-HD innovative solutions I superior quality • Male and female available in 3-6 pin configurations; 7 pin versions available in female only • Smallest available hard wiring receptacles with large solder cups • Male and female use different mounting hole dimensions and do not fit in same mounting hole • Front mountable only • One piece version – insert is NOT removable from shell • Short female receptacle • Compatible with Switchcraft® DxM, DxF; Cannon XLRx31, XLRx32 • 6 pole female version available with Switchcraft contact arrangement XLR Chassis Connectors XLR Chassis Connectors P Series Through hole fastening • IP 65 - in combination with NC*FX-HD cable connectors • Perfect for outdoor applications • Sealing gasket for water tight panel mount • Gold plated contacts MPR-HD Series Sealing Gasket *: 3 - 5 contacts |