| Zakładka z wyszukiwarką danych komponentów |
|
SS36F Arkusz danych(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SS36F Arkusz danych(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
2 / 2 page ![]() 3.0 2.4 1.8 1.2 0.6 0 0 25 50 75 100 125 150 175 80 64 48 32 16 0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 REVERSE VOLTAGE,VOLTS t,PULSE DURATION,sec. FIG. 5-TYPICAL JUNCTION CAPACITANCE FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE NUMBER OF CYCLES AT 60 Hz FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT FIG. 1- FORWARD CURRENT DERATING CURVE 1 10 100 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 10 100 1000 2000 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 TJ=75 C TJ=25 C TJ=100 C PERCENT OF PEAK REVERSE VOLTAGE,% FIG. 4-TYPICAL REVERSE CHARACTERISTICS AMBIENT TEMPERATURE, C SS32F-SS36F SS38F-SS3200F Single Phase Half Wave 60Hz Resistive or inductive Load FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLEAGE, VOLTS TJ=25 C SS32F-SS34F SS35F-SS3200F 50 10.0 1 0.1 0.01 SS32F-SS34F SS35F-SS36F SS38F-SS3150F TJ=25 C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 SS3200F http://www.trr-jx.com SS32F THRU SS3200F Surface Mount Schottky Rectifiers Characteristic Curves (TA=25 ℃ unless otherwise noted) |