| Zakładka z wyszukiwarką danych komponentów |
|
STUP522 Arkusz danych(PDF) 3 Page - EIC discrete Semiconductors |
|
|
|||||||||||||||||||||||||||||
STUP522 Arkusz danych(HTML) 3 Page - EIC discrete Semiconductors |
|
3 / 4 page ![]() ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It Working Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of V BR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) STUP562 58.9 65.1 1.0 53.0 5.0 5.0 85.0 0.104 STUP068 61.2 74.8 1.0 55.1 5.0 4.3 98.0 0.104 STUP568 64.6 71.4 1.0 58.1 5.0 4.6 92.0 0.104 STUP075 67.5 82.5 1.0 60.7 5.0 3.9 108 0.105 STUP575 71.3 78.8 1.0 64.1 5.0 4.1 103 0.105 STUP082 73.8 90.2 1.0 66.4 5.0 3.6 118 0.105 STUP582 77.9 86.1 1.0 70.1 5.0 3.7 113 0.105 STUP091 81.9 100 1.0 73.7 5.0 3.2 131 0.106 STUP591 86.5 95.5 1.0 77.8 5.0 3.4 125 0.106 STUP0B0 90.0 110 1.0 81.0 5.0 2.9 144 0.106 STUP5B0 95.0 105 1.0 85.5 5.0 3.1 137 0.106 STUP0B1 99.0 121 1.0 89.2 5.0 2.7 158 0.107 STUP5B1 105 116 1.0 94.0 5.0 2.8 152 0.107 STUP0B2 108 132 1.0 97.2 5.0 2.4 173 0.107 STUP5B2 114 126 1.0 102 5.0 2.5 165 0.107 STUP0B3 117 143 1.0 105 5.0 2.2 187 0.107 STUP5B3 124 137 1.0 111 5.0 2.3 179 0.107 STUP0B5 135 165 1.0 121 5.0 2.0 215 0.108 STUP5B5 143 158 1.0 128 5.0 2.0 207 0.108 STUP0B6 144 176 1.0 130 5.0 1.8 230 0.108 STUP5B6 152 168 1.0 136 5.0 1.9 219 0.108 STUP0B7 153 187 1.0 138 5.0 1.7 244 0.108 STUP5B7 162 179 1.0 145 5.0 1.8 234 0.108 STUP0B8 162 198 1.0 146 5.0 1.6 258 0.108 STUP5B8 171 189 1.0 154 5.0 1.7 246 0.108 STUP0D0 180 220 1.0 162 5.0 1.5 287 0.108 STUP5D0 190 210 1.0 171 5.0 1.53 274 0.108 STUP0D2 198 242 1.0 175 5.0 1.16 344 0.108 STUP5D2 209 231 1.0 185 5.0 1.22 328 0.108 STUP0D5 225 275 1.0 202 5.0 1.11 360 0.110 STUP5D5 237 263 1.0 214 5.0 1.16 344 0.110 STUP0E0 270 330 1.0 243 5.0 0.93 430 0.110 STUP5E0 285 315 1.0 256 5.0 0.97 414 0.110 STUP0E5 315 385 1.0 284 5.0 0.79 504 0.110 STUP5E5 332 368 1.0 300 5.0 0.83 482 0.110 STUP0G0 360 440 1.0 324 5.0 0.70 574 0.110 STUP5G0 380 420 1.0 342 5.0 0.73 548 0.110 STUP0G4 396 484 1.0 356 5.0 0.95 631 0.110 STUP5G4 418 462 1.0 376 5.0 1.00 602 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 91Volts ) VF = 5.0 Vmax., IF = 25 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled. ( 4 ) "STU" will be omitted in marking on the diode. |