| Zakładka z wyszukiwarką danych komponentów |
|
EL2176CS Arkusz danych(PDF) 3 Page - Elantec Semiconductor |
|
|
|||||||||||||||||||||||||||||
EL2176CS Arkusz danych(HTML) 3 Page - Elantec Semiconductor |
|
3 / 20 page ![]() EL2176CEL2276C 70 MHz1 mA Current Mode Feedback Amp wDisable DC Electrical Characteristics Contd VS e g5V RL e 150X ENABLE e 0V TA e 25 C unless otherwise specified Parameter Description Conditions Min Typ Max Test Units Level VO Output Voltage Swing VS e g5 g 35 g40 I V VS ea5 Single-Supply High 40 V V VS ea5 Single-Supply Low 03 V V IO Output Current EL2176C only 80 100 I mA EL2276C only per Amplifier 50 55 I mA IS Supply Current ENABLE e 20V per Amplifier 1 2 I mA IS(DIS) Supply Current (Disabled) ENABLE e 45V 0 20 I mA COUT(DIS) Output Capacitance (Disabled) ENABLE e 45V 44 V pF REN Enable Pin Input Resistance Measured at ENABLE e 20V 45V 45 85 I k X IIH Logic ‘‘1’’ Input Current Measured at ENABLE ENABLE e 45V b 004 V mA IIL Logic ‘‘0’’ Input Current Measured at ENABLE ENABLE e 0V b 53 V mA VDIS Minimum Voltage at ENABLE to Disable 45 I V VEN Maximum Voltage at ENABLE to Enable 20 I V AC Electrical Characteristics VS e g5V RF e RG e 10 kX RL e 150X ENABLE e 0V TA e 25 C unless otherwise specified Parameter Description Conditions Min Typ Max Test Level Units b 3dBBW b 3 dB Bandwidth AV ea1 70 V MHz b 3dBBW b 3 dB Bandwidth AV ea2 60 V MHz SR Slew Rate VOUT e g25V AV ea2 400 800 IV V ms tr tf Rise and Fall Time VOUT e g500 mV 45 V ns tpd Propagation Delay VOUT e g500 mV 45 V ns OS Overshoot VOUT e g500 mV 30 V % ts 01% Settling VOUT e g25V AV eb140 V ns dG Differential Gain AV ea2 RL e 150X (Note 1) 015 V % dP Differential Phase AV ea2 RL e 150X (Note 1) 015 V dG Differential Gain AV ea1 RL e 500X (Note 1) 002 V % dP Differential Phase AV ea1 RL e 500X (Note 1) 001 V tON Turn-On Time AV ea2 VIN ea1V RL e 150X (Note 2) 40 100 I ns tOFF Turn-Off Time AV ea2 VIN ea1V RL e 150X (Note 2) 1500 2000 I ns CS Channel Separation EL2276C only f e 5 MHz 85 V dB Note 1 DC offset from 0V to 0714V AC amplitude 286 mVP-P f e 358 MHz Note 2 Measured from the application of the logic signal until the output voltage is at the 50% point between initial and final values 3 |