| Zakładka z wyszukiwarką danych komponentów |
|
KMPC8315CVRAGDA Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KMPC8315CVRAGDA Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 106 page ![]() © Freescale Semiconductor, Inc., 2011. All rights reserved. Freescale Semiconductor Data Sheet: Technical Data This document provides an overview of the MPC8315E PowerQUICC™ II Pro processor features, including a block diagram showing the major functional components. The MPC8315E contains a core built on Power Architecture™ technology. It is a cost-effective, low-power, highly integrated host processor that addresses the requirements of several storage, consumer, and industrial applications, including main CPUs and I/O processors in network attached storage (NAS), voice over IP (VoIP) router/gateway, intelligent wireless LAN (WLAN), set top boxes, industrial controllers, and wireless access points. The MPC8315E extends the PowerQUICC II Pro family, adding higher CPU performance, new functionality, and faster interfaces while addressing the requirements related to time-to-market, price, power consumption, and package size. Note that while the MPC8315E supports a security engine, the MPC8315 does not. Document Number: MPC8315EEC Rev. 2, 11/2011 Contents 1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2. MPC8315E Features . . . . . . . . . . . . . . . . . . . . . . . . . . 2 3. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 8 4. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14 5. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 17 7. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 18 8. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 9. Ethernet: Three-Speed Ethernet, MII Management . 24 10. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 11. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 51 16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61 17. Serial ATA (SATA) . . . . . . . . . . . . . . . . . . . . . . . . . . 68 18. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 19. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71 20. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 21. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 22. TDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74 23. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 76 24. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90 25. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 26. System Design Information . . . . . . . . . . . . . . . . . . 100 27. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 103 28. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . 105 MPC8315E PowerQUICC II Pro Processor Hardware Specifications |
Podobny numer części - KMPC8315CVRAGDA |
|
Podobny opis - KMPC8315CVRAGDA |