Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DDZ8V2CSF Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części DDZ8V2CSF
Szczegółowy opis  0.5W SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ8V2CSF Arkusz danych(HTML) 3 Page - Diodes Incorporated

  DDZ8V2CSF Datasheet HTML 1Page - Diodes Incorporated DDZ8V2CSF Datasheet HTML 2Page - Diodes Incorporated DDZ8V2CSF Datasheet HTML 3Page - Diodes Incorporated DDZ8V2CSF Datasheet HTML 4Page - Diodes Incorporated DDZ8V2CSF Datasheet HTML 5Page - Diodes Incorporated DDZ8V2CSF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DDZ2V4ASF – DDZ39DSF
Document number: DS31987 Rev. 17 - 2
3 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DDZ2V4ASF – DDZ39DSF
Electrical Characteristics (continued) @TA = 25°C unless otherwise specified
Type Number
Marking Code
Zener Voltage Range
(Note 6)
Maximum Zener Impedance
f = 1kHz
Maximum Reverse
Current (Note 7)
VZ @ IZT
IZT
ZZT @ IZT
IR
@ VR
Min (V)
Max (V)
mA
Ω
μA
V
DDZ9V1ASF
4S
8.29
8.73
20
30
7.5
7.88
DDZ9V1BSF
KS
8.57
9.01
20
30
7.5
8.14
DDZ9V1CSF
YS
8.83
9.30
20
30
7.5
8.39
DDZ10ASF
4T
9.12
9.59
20
30
7.5
8.66
DDZ10BSF
KT
9.41
9.90
20
30
7.5
8.94
DDZ10CSF
YT
9.70
10.20
20
30
7.5
9.22
DDZ10DSF
7T
9.94
10.44
20
30
7.5
9.44
DDZ11ASF
4U
10.18
10.71
10
30
0.07
9.67
DDZ11BSF
KU
10.50
11.05
10
30
7.5
9.98
DDZ11CSF
YU
10.82
11.38
10
30
0.07
10.28
DDZ12ASF
4V
11.13
11.71
10
35
0.07
10.60
DDZ12BSF
KV
11.44
12.03
10
30
0.07
10.90
DDZ12CSF
YV
11.74
12.35
10
35
0.07
11.20
DDZ13ASF
4W
12.11
12.75
10
35
0.07
11.50
DDZ13BSF
KW
12.55
13.21
10
35
0.07
11.90
DDZ13CSF
YW
12.99
13.66
10
35
0.07
12.30
DDZ15ASF
4X
13.44
14.13
10
40
0.07
12.80
DDZ15BSF
KX
13.89
14.62
10
40
0.07
13.20
DDZ15CSF
YX
14.35
15.09
10
40
0.07
13.60
DDZ16ASF
4Y
14.80
15.57
10
40
0.07
14.10
DDZ16BSF
KY
15.25
16.04
10
40
0.07
14.50
DDZ16CSF
YY
15.69
16.51
10
40
0.07
14.90
DDZ18ASF
4Z
16.22
17.06
10
45
0.07
15.40
DDZ18BSF
KZ
16.82
17.70
10
45
0.07
16.00
DDZ18CSF
YZ
17.42
18.33
10
45
0.07
16.50
DDZ20ASF
RJ
18.05
18.96
10
50
0.07
17.10
DDZ20BSF
ZJ
18.63
19.59
10
50
0.07
17.70
DDZ20CSF
PJ
19.23
20.22
10
50
0.07
17.70
DDZ20DSF
2J
19.72
20.72
10
50
0.07
18.70
DDZ22ASF
RK
20.15
21.20
5
55
0.07
19.10
DDZ22BSF
ZK
20.64
21.71
5
55
0.07
19.60
DDZ22CSF
PK
21.08
22.17
5
55
0.07
20.00
DDZ22DSF
2K
21.52
22.63
5
55
0.07
20.40
DDZ24ASF
RL
22.05
23.18
5
60
0.07
20.90
DDZ24BSF
ZL
22.61
23.77
5
60
0.07
21.50
DDZ24CSF
PL
23.12
24.31
5
60
0.07
22.00
DDZ24DSF
2L
23.63
24.85
5
60
0.07
22.40
DDZ27ASF
RM
24.26
25.52
5
70
0.07
23.00
DDZ27BSF
ZM
24.97
26.26
5
70
0.07
23.70
DDZ27CSF
PM
25.63
26.95
5
70
0.07
24.30
DDZ27DSF
2M
26.29
27.64
5
70
0.07
25.00
DDZ30ASF
RN
26.99
28.39
5
80
0.07
25.60
DDZ30BSF
ZN
27.70
29.13
5
80
0.07
26.00
DDZ30CSF
PN
28.36
29.82
5
55
0.07
26.90
DDZ30DSF
2N
29.02
30.51
5
80
0.07
27.60
DDZ33ASF
RO
29.68
31.22
5
80
0.07
28.20
DDZ33BSF
ZO
30.32
31.88
5
80
0.07
28.80
DDZ33CSF
PO
30.90
32.50
5
65
0.07
29.40
DDZ33DSF
2O
31.49
33.11
5
65
0.07
29.90
DDZ36ASF
RP
32.14
33.79
5
90
0.07
30.50
DDZ36BSF
ZP
32.79
34.49
5
90
0.07
31.20
DDZ36CSF
PP
33.40
35.13
5
75
0.07
31.70
DDZ36DSF
2P
34.01
35.77
5
90
0.07
32.30
DDZ39ASF
RQ
34.68
36.47
5
85
0.2
30.00
DDZ39BSF
ZQ
35.36
37.19
5
85
0.2
30.00
DDZ39CSF
PQ
36.00
37.85
5
85
0.2
30.00
DDZ39DSF
2Q
36.63
38.52
5
85
0.2
30.00
Notes:
5. Device mounted on FR-4 PCB with 10mm x 10mm pad, board size 35mm * 25mm.
6. The Zener voltage is measured 40ms after power is supplied.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com